PART |
Description |
Maker |
CP-8-9 |
8-Lead Lead Frame Chip Scale Package [LFCSP_VD] 3 x 3 mm Body, Very Thin, Dual Lead
|
Analog Devices
|
PT-6MV103A2020PM PT-6MV253A2020PM PT-6MV471A2020PM |
RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 10000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 25000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 470 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 22000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 20000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 4700 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 1000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 220 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 100000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 2000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 220000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 2500 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 1000000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 200000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 2200 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 250000 ohm LEAD FREE RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 250 ohm LEAD FREE
|
Piher Sensors ?Controls SA
|
MAAP-008924-TR0500 MAAP-008924-TR1000 |
Amplifier, Power, 1.2 W 10 - 13.3 GHz Lead-Free 5 mm 20-lead PQFN Package
|
M/A-COM Technology Solutions, Inc.
|
CP-40-1 |
40-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 6 x 6 mm Body, Very Thin Quad
|
Analog Devices
|
SOT-SOT23 |
RESISTOR, NETWORK, FILM, DIVIDER, 0.25 W, SURFACE MOUNT SOT-3, LEAD/LEAD FREE
|
IRC Advanced Film
|
IRF1324STRL-7PP |
24V Single N-Channel HEXFET Power MOSFET in a Lead Free 7-Lead D2-Pak package
|
International Rectifier
|
3KP70CA-HF 3KP70A-HF 3KP45A-HF 3KP36A-HF 3KP36CA-H |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=54V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=90V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=28V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=80V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=350V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=250V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=14V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=17V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=26V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5%
|
Comchip Technology
|
104-232 104-230 104-234 104-238 104-236 104-222 10 |
VGA MALE TO FEMALE 50 METRE LEAD VGA PLUG-PLUG 2M LEAD VGA PLUG-PLUG 6M LEAD VGA PLUG-PLUG 3M LEAD VGA PLUG-SKT 3M LEAD VGA PLUG-SKT 10M LEAD VGA PLUG-SKT 6M LEAD VGA PLUG-SKT 20M LEAD VGA PLUG-PLUG 10M LEAD VGA PLUG-PLUG 20M LEAD VGA PLUG-PLUG 30M VGA MALE TO MALE 50 METRE LEAD VGA PLUG-SKT 30M 铅VGA插头,SK电讯3000
|
SCHURTER AG
|
LTC4210-1CS6 LTC4210-2IS6 LTC4210-2 LTC4210-1IS6 L |
From old datasheet system 2.7V to 16.5V, 6-Lead SOT-23 Hot Swap Controller in 6-Lead SOT-23 Package
|
LINER[Linear Technology]
|
S419-06 S424-06 |
1mm Blade Vertical Tab, reeled, 0.64mm thick, tin/lead BRASS, TIN LEAD FINISH, PCB TERMINAL 3.6mm Blade Vertical Test Point Terminal, 0.8mm thick, reeled, tin/lead
|
Harwin PLC HARWIN INC
|
HI5714 HI5714_4CB HI5714_6CB HI5714_8CB HI5714EVAL |
INSULATOR FOR TO-18 INSUL/16 LEAD DIP .3IN .03IN DISCRETE COMPONENT AND CAPACITOR MOUNT, LEAD SPACE=.100(2.5) OVERALL HEIGHT=.045(1.1), MOLDED FROM 94V-2 NYLON PER ASTM D 4066 RoHS Compliant: Yes 8-Bit, 40/60/75/80 MSPS A/D Converter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
AM2971ALCB AM2971ALE AM2971DE AM2971DC AM2971A/BJA |
High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 16-Lead SOIC User Programmable Special Function ASIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 16-Lead SOIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 14-Lead PDIP High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a Lead-Free 16-Lead PDIP -2 Lead High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 14-Lead PDIP Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package; A IR21084 packaged in a Lead-Free 14-Lead SOIC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free mod. 44-Lead PLCC 用户可编ASIC的特殊功 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC 用户可编程ASIC的特殊功
|
Amphenol, Corp.
|
|